Part Number Hot Search : 
MM1573E BU4809G 167BZC SP800L NJG1533 AT818S40 PC250 68000
Product Description
Full Text Search
 

To Download RBV601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
RBV601G - RBV608G D5SB10 -D5SB80
6.0A 6.0A BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase,half wave, 60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Maximum Average Forward Peak Forward Surge Current Output @ 8.3ms Current @TA= 70C Superimposed I
O
Maximum DC Forward Voltage drop per element at IF =3.0ADC VF VPK
Maximum DC Reverse Current at rated DC Blocking Voltage per element IR 25CTA ADC 125CTA ADC
Operating Junction Temperature
Package Dimensions
IFM (Surge) A PK
TJ C
A AV
RBV601G RBV602G RBV604G RBV606G RBV608G
D5SB10 D5SB20 D5SB40 D5SB60 D5SB80
100 200 400 600 800
6.0
150
1.1
10
500
150
D5 - SB
4.6 0.2 C3 30 0.3 3.6 0.2
20 0.3
2.5 0.2 2.2 0.2
4 0.2
11 0.2
5
3.2 0.2 0.1
2.7 0.2
17.5 0.5
1 0.1
10 0.2
0.7 0.1 7.5 0.2
D5 - SB
11C-1/2
LESHAN RADIO COMPANY, LTD.
RBV601G-RBV608G D5SB10-D5SB80 BRIDGE RECTIFIERS RATING AND CHARACTERISTIC CURVES
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
8
AVERAGE FORWARD OUTPUT CURRENT AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
250
PEAK FORWARD SURGE CURRENT.AMPERES
6
200
150
4
100
2
50
0 1 2 5 10 20 50 100
0 0 70 100 150
NUMBER OF CYCLES AT 60Hz AMBIENT TEMPERATURE.C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT AMPERES
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
100
TC = 100C
10
10
1.0
1.0 TA = 25C
0.1 TJ = 25C Pulse Width=300s 1% Duty Cycle 0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
.1 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FORWARD VOLTAGE (V)
11C-2/2


▲Up To Search▲   

 
Price & Availability of RBV601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X